Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR443 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADR443
Szczegółowy opis  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR443 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADR443_15 Datasheet HTML 5Page - Analog Devices ADR443_15 Datasheet HTML 6Page - Analog Devices ADR443_15 Datasheet HTML 7Page - Analog Devices ADR443_15 Datasheet HTML 8Page - Analog Devices ADR443_15 Datasheet HTML 9Page - Analog Devices ADR443_15 Datasheet HTML 10Page - Analog Devices ADR443_15 Datasheet HTML 11Page - Analog Devices ADR443_15 Datasheet HTML 12Page - Analog Devices ADR443_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 7 V, TA = 25°C, CIN = COUT = 0.1 μF, unless otherwise noted.
2.051
2.050
2.049
2.048
2.047
2.046
2.045
–40
–20
0
20
100
80
60
40
120
TEMPERATURE (°C)
Figure 3. ADR440 Output Voltage vs. Temperature
TEMPERATURE (°C)
2.5020
2.5015
2.5005
2.5010
2.5000
2.4995
2.4990
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 4. ADR441 Output Voltage vs. Temperature
TEMPERATURE (°C)
3.0020
3.0015
3.0000
3.0005
3.0010
2.9995
2.9985
2.9990
2.9980
–40
5
–10
–25
50
35
20
110
95
80
65
125
DEVICE 1
DEVICE 2
DEVICE 3
Figure 5. ADR443 Output Voltage vs. Temperature
TEMPERATURE (°C)
4.0980
4.0975
4.0960
4.0965
4.0970
4.0955
4.0945
4.0950
4.0940
–40
5
–10
–25
50
35
20
110
95
80
65
125
DEVICE 1
DEVICE 2
DEVICE 3
Figure 6. ADR444 Output Voltage vs. Temperature
5.006
5.004
5.002
5.000
4.998
4.996
4.994
–40
–20
0
20
100
80
60
40
120
TEMPERATURE (°C)
Figure 7. ADR445 Output Voltage vs. Temperature
INPUT VOLTAGE (V)
4.0
3.5
3.0
2.5
2.0
46
10
81
14
12
18
6
+125°C
–40°C
+25°C
Figure 8. ADR441 Supply Current vs. Input Voltage


Podobny numer części - ADR443_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR443A AD-ADR443A Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443A AD-ADR443A Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR443ARMZ AD-ADR443ARMZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARMZ-REEL7 AD-ADR443ARMZ-REEL7 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARZ AD-ADR443ARZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
More results

Podobny opis - ADR443_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR444 AD-ADR444_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com