Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT64-HF-3 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części BAT64-HF-3
Szczegółowy opis  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT64-HF-3 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT64-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT64-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
For low-loss, fast-recovery, meter protection,
bias isolation and clamping applications
Integrated diffused guard ring
Low forward voltage
Absolute Maximum Ratings Ta = 25℃
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
40
V
IF= 1 mA
350
IF= 10 mA
430
IF= 30 mA
520
IF= 100 mA
750
Reverse voltage leakage current
IR
VR=25 V
2
uA
Capacitance between terminals
CT
VR= 1 V, f= 1 MHz
6
pF
Forward voltage
VF
mV
Marking
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VRM
40
DC Reverse Voltage
VR
40
Forward Current
IF
250
Non-repetitive Peak forward surge current @t=8.3ms
IFSM
800
Power Dissipation
PD
250
mW
Thermal Resistance Junction to Ambient
RθJA
400
/W
Junction Temperature
TJ
125
Storage Temperature range
Tstg
-55 to 150
V
mA
Schottky Diodes
BAT64-04/05/06-HF (KAT64-04/05/06-HF)
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02
Type
BAT64-HF
BAT64-04-HF
BAT64-05-HF
BAT64-06-HF
Marking
63S F
64S F
65S F
66S F
BAT64-04-HF
BAT64-HF
BAT64-05-HF
BAT64-06-HF


Podobny numer części - BAT64-HF-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
BAT64-HF KEXIN-BAT64-HF Datasheet
1Mb / 2P
   Schottky Diodes
More results

Podobny opis - BAT64-HF-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com