Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001 Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd

Numer części 1N4001
Szczegółowy opis  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N4001 Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1N4001 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N4001 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLASTIC SILICON RECTIFIERS
FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Exceeds env ironmental standards of MIL-S-19500/228
• High temperature soldering : 260 O C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
env ironment subst ance directive request
• Case: DO-41 Molded plastic
• Epoxy : UL 94V- O rate flame retardant.
• Lead: Axial leads, solderable per M IL-STD-750,
Method 2026
• Polari ty: Color band denotes cathode end
Mounting Position: Any
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
UNIT
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
1.0
A
Peak For ward Surge Current ,IFM (surge):8. 3ms single half
si ne-wave superimposedon
rated load(JEDEC method)
30
A
Maximum For ward Voltage at 1.0A DC and 25°C
1.1
V
Maximum Full Load Rev erse Curr ent ,Full Cycle Average at
TA=75°C
30.0
µA
Maxi mum DC Reverse Cur rent at TA=25°C
At Rated DC Blocking Volt age TA =100°C
5.0
50
µA
µA
Typi cal Junction capacitance@ (Not e 1)
15
pF
Typical Thermal Resistance (Note 2)
50.0
°C/W
Typical Thermal Resistance (Note 2)
25.0
°C/W
Oper ati ng and Storage Tempe rature Range
-50 to +150
°C
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from junction to lead at 0.375”(9.5mm)lead length P.C.B.mounted.
.034 (0.86)
.205 (5.2)
.160 (4.1)
.107 (2.7)
.080 (2.0)
DIA.
DIA.
DO-41
Unit:inch (mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
SEMICONDUCTOR
DATA SHEET
http://www.yeashin.com
1
REV.03 20150105
1N4001 THRU 1N4007
Item
MECHANICAL DATA
VOLTAGE - 50 to 1000 Volts CURRE NT - 1.0 Ampere
NOTES:
Average Forward Current ,Io @ TA =75°C 3/8” lead length,
resistive or inductive load.
For capacitive load,derate current by 20%.
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximun Repetitive peak reverse voltage
Maximun DC blocking voltage
60 HZ
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
IR
CJ
TJ,TSTG
R
θJA
R
θJL
.025 (0.65)


Podobny numer części - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4001 EIC-1N4001 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001 Datasheet
553Kb / 2P
   Rectifier Diodes
More results

Podobny opis - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com