Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM4001 Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd

Numer części SM4001
Szczegółowy opis  1.0AMP General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SM4001 Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SM4001 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SM4001 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE ATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
• For surface mounted applications.
• Exceeds environmental standards of M IL-S-19500 /228
• Low leakage current.
• High temperature soldering : 260OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHAN ICAL D ATA
• Case : Moldedplastic, SMD (MELF)
• Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
30
A
VR = VRRM TA = 25
5.0
Reverse current
VR = VRRM TA = 100
IR
50
Thermal resistance
Junction to ambient
R JA
50
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
15
pF
Storage temperature
TSTG
-55
+150
SYMBOLS
MARKING
CODE
V RRM
*1
(V)
V RMS
*2
(V)
V R
*3
(V)
V F
*4
(V)
Operat ing
temperature
(
)
SM4001
-
50
35
50
SM4002
-
100
70
100
SM4003
-
200
140
200
SM4004
-
400
280
400
SM4005
-
600
420
600
SM4006
-
800
560
800
SM4007
-
1000
700
1000
1.1
-55 to +150
• 1 Repetitive peak reverse voltage
• 2 RMS voltage
• 3 Continuous reverse voltage
• 4 Maximum forward voltage
MELF /DL41
Unit:inch(mm)
.020(0.5)
.012(0.3)
.110(2.8)
.102(2.6)
I
CATHODE BAND
SOLDERABLE END
.216(5.5)
.201(5.1)
http://www.yeashin.com
1
REV.03 20150105
DATA SHEET
SM4001 THRU SM4007
SEMICONDUCTOR
µA
µA
°C /W
°C
°C
°C
°C
1.0AMP General Purpose Rectifiers
Glass Passivation Junction
θ


Podobny numer części - SM4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4001 BILIN-SM4001 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Rectron Semiconductor
SM4001 RECTRON-SM4001 Datasheet
445Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Podobny opis - SM4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Silicon Co., Ltd
1A1 FS-1A1 Datasheet
546Kb / 2P
   Miniature General Purpose Plastic Rectifiers Reverse Voltage 50V~1000V, Forward Current 1.0AMP
logo
Chongqing Pingwei Enter...
1N4001S CHONGQING-1N4001S_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
1N4001 CHONGQING-1N4001_16 Datasheet
177Kb / 1P
   1.0AMP . SILICON RECTIFIERS
1A1 CHONGQING-1A1_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com