Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL202 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADXL202
Szczegółowy opis  Accelerometers with Digital Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL202 Arkusz danych(HTML) 5 Page - Analog Devices

  ADXL202_15 Datasheet HTML 1Page - Analog Devices ADXL202_15 Datasheet HTML 2Page - Analog Devices ADXL202_15 Datasheet HTML 3Page - Analog Devices ADXL202_15 Datasheet HTML 4Page - Analog Devices ADXL202_15 Datasheet HTML 5Page - Analog Devices ADXL202_15 Datasheet HTML 6Page - Analog Devices ADXL202_15 Datasheet HTML 7Page - Analog Devices ADXL202_15 Datasheet HTML 8Page - Analog Devices ADXL202_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ADXL202/ADXL210
–5–
REV. B
DUTY CYCLE OUTPUT – % per
g
11.3
11.5 11.7 11.9 12.2 12.4 12.6 12.8 13.1 13.3 13.5 13.7
9
8
0
4
3
2
1
6
5
7
Figure 8. Typical Sensitivity per g at +25
°C
CX, CY
BANDWIDTH
14
12
0
0.01 F
500Hz
0.47 F
10Hz
0.047 F
100Hz
0.1 F
50Hz
8
6
4
2
10
Figure 9. Typical Noise at XFILT Output
NUMBER OF AVERAGE SAMPLES
14
12
0
164
4
16
8
6
4
2
10
CFILT = 0.047 F
BW = 100Hz
CFILT = 0.1 F
BW = 50Hz
CFILT = 0.47 F
BW = 10Hz
CFILT = 0.01 F
BW = 500Hz
T2 = 1ms
Figure 10. Typical Noise at Digital Outputs
DEGREES OF MISALIGNMENT
20
6
0
18
8
4
2
16
12
14
10
Figure 11. Rotational Die Alignment


Podobny numer części - ADXL202_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202EB AD-ADXL202EB Datasheet
50Kb / 2P
   Dual Axis Accelerometer Evaluation Board
REV. 0
More results

Podobny opis - ADXL202_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL210 AD-ADXL210_15 Datasheet
819Kb / 11P
   Accelerometers with Digital Output
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
logo
Murata Manufacturing Co...
SCA620-EF8H1A MURATA-SCA620-EF8H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA830-D07 MURATA-SCA830-D07_17 Datasheet
171Kb / 2P
   Accelerometers
logo
List of Unclassifed Man...
KXPA4 ETC1-KXPA4 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
logo
Murata Manufacturing Co...
SCA1000-N1000070 MURATA-SCA1000-N1000070 Datasheet
179Kb / 2P
   Accelerometers
SCA3100-D07 MURATA-SCA3100-D07 Datasheet
171Kb / 2P
   Accelerometers
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA3100-D04 MURATA-SCA3100-D04 Datasheet
171Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA2120-D06 MURATA1-SCA2120-D06 Datasheet
117Kb / 2P
   Accelerometers
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com