Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL322 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADXL322
Szczegółowy opis  Small and Thin 2 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL322 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADXL322_15 Datasheet HTML 5Page - Analog Devices ADXL322_15 Datasheet HTML 6Page - Analog Devices ADXL322_15 Datasheet HTML 7Page - Analog Devices ADXL322_15 Datasheet HTML 8Page - Analog Devices ADXL322_15 Datasheet HTML 9Page - Analog Devices ADXL322_15 Datasheet HTML 10Page - Analog Devices ADXL322_15 Datasheet HTML 11Page - Analog Devices ADXL322_15 Datasheet HTML 12Page - Analog Devices ADXL322_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADXL322
Rev. 0 | Page 9 of 16
25
20
15
10
5
0
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
SELF-TEST (V)
Figure 17. X-Axis Self-Test Response at 25°C
60
50
40
30
20
10
0
350
370
390
410
430
450
470
490
CURRENT (
μA)
Figure 18. Supply Current at 25°C
25
20
15
10
5
0
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
SELF-TEST (V)
Figure 19. Y-Axis Self-Test Response at 25°C
Figure 20. Turn-On Time—CX, CY = 0.1 μF, Time Scale = 2 ms/DIV
550
500
450
400
350
300
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 21. Supply Current vs. Temperature VS=3V


Podobny numer części - ADXL322_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL322EB AD-ADXL322EB Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL322JCP AD-ADXL322JCP Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL322JCP-REEL AD-ADXL322JCP-REEL Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
More results

Podobny opis - ADXL322_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
   Small and Thin 18 g Accelerometer
REV. 0
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com