Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS150 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADXRS150
Szczegółowy opis  150/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS150 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADXRS150_15 Datasheet HTML 3Page - Analog Devices ADXRS150_15 Datasheet HTML 4Page - Analog Devices ADXRS150_15 Datasheet HTML 5Page - Analog Devices ADXRS150_15 Datasheet HTML 6Page - Analog Devices ADXRS150_15 Datasheet HTML 7Page - Analog Devices ADXRS150_15 Datasheet HTML 8Page - Analog Devices ADXRS150_15 Datasheet HTML 9Page - Analog Devices ADXRS150_15 Datasheet HTML 10Page - Analog Devices ADXRS150_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXRS150
Rev. B | Page 7 of 12
@ BW = 40 Hz, Typical Vibration Characteristics, 10 g Flat Band, 20 Hz to 2 kHz
TIME (sec)
2.450
2.470
2.460
2.480
2.500
2.490
0
5
10
PACKAGE LATERAL AXIS (1/60 SEC SAMPLE RATE)
Figure 10. 10 g Random Vibration in Package-Lateral Axis Orientation
TIME (sec)
2.450
2.470
2.460
2.480
2.500
2.490
0
5
10
PACKAGE LONGITUDINAL AXIS (1/60 SEC SAMPLING RATE)
Figure 11. 10 g Random Vibration in Package-Longitudinal Axis Orientation
TIME (sec)
2.450
2.470
2.460
2.480
2.500
2.490
0
5
10
RATE AXIS (1/60 SEC SAMPLING RATE)
Figure 12. 10 g Random Vibration in Rate Axis Orientation
TIME (sec)
2.450
2.470
2.460
2.480
2.500
2.490
0
5
10
PACKAGE LATERAL AXIS (0.5s Average)
10g
0g
Figure 13. 10 g Random Vibration in Package-Lateral Axis Orientation
TIME (sec)
2.450
2.470
2.460
2.480
2.500
2.490
0
5
10
PACKAGE LONGITUDINAL AXIS (0.5s Average)
0g
10g
Figure 14. 10 g Random Vibration in Package-Longitudinal Axis Orientation
TIME (sec)
2.450
2.470
2.460
2.480
2.500
2.490
0
5
10
RATE AXIS (0.5s Average)
0g
10g
Figure 15. 10 g Random Vibration in Rate Axis Orientation


Podobny numer części - ADXRS150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS150ABG AD-ADXRS150ABG Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG-REEL AD-ADXRS150ABG-REEL Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
More results

Podobny opis - ADXRS150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com