Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS300 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADXRS300
Szczegółowy opis  300/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS300 Arkusz danych(HTML) 1 Page - Analog Devices

  ADXRS300_15 Datasheet HTML 1Page - Analog Devices ADXRS300_15 Datasheet HTML 2Page - Analog Devices ADXRS300_15 Datasheet HTML 3Page - Analog Devices ADXRS300_15 Datasheet HTML 4Page - Analog Devices ADXRS300_15 Datasheet HTML 5Page - Analog Devices ADXRS300_15 Datasheet HTML 6Page - Analog Devices ADXRS300_15 Datasheet HTML 7Page - Analog Devices ADXRS300_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
±300°/s Single Chip Yaw Rate
Gyro with Signal Conditioning
ADXRS300
FEATURES
Complete rate gyroscope on a single chip
Z-axis (yaw rate) response
High vibration rejection over wide frequency
2000 g powered shock survivability
Self-test on digital command
Temperature sensor output
Precision voltage reference output
Absolute rate output for precision applications
5 V single-supply operation
Ultrasmall and light (< 0.15 cc, < 0.5 gram)
APPLICATIONS
Vehicle chassis rollover sensing
Inertial measurement units
Platform stabilization
GENERAL DESCRIPTION
The ADXRS300 is a complete angular rate sensor (gyroscope)
that uses Analog Devices’ surface-micromachining process to
make a functionally complete and low cost angular rate sensor
integrated with all of the required electronics on one chip. The
manufacturing technique for this device is the same high
volume BIMOS process used for high reliability automotive
airbag accelerometers.
The output signal, RATEOUT (1B, 2A), is a voltage proportional
to angular rate about the axis normal to the top surface of the
package (see Figure 4). A single external resistor can be used to
lower the scale factor. An external capacitor is used to set the
bandwidth. Other external capacitors are required for operation
(see Figure 5).
A precision reference and a temperature output are also
provided for compensation techniques. Two digital self-test
inputs electromechanically excite the sensor to test proper
operation of both sensors and the signal conditioning circuits.
The ADXRS300 is available in a 7 mm × 7 mm × 3 mm BGA
chip-scale package.
FUNCTIONAL BLOCK DIAGRAM
5G
4G
3A
5V
2G
1F
7F
6A
7D
7C
7B
1C
4A
5A
7E
6G
1D
2A
1E
3G
1B
PDD
12V
+
ADXRS300
47nF
22nF
100nF
22nF
CP2
CP1
PGND
CP4
CP3
CP5
CHARGE PUMP/REG.
TEMP
PTAT
RATEOUT
2.5V
π DEMOD
RATE
SENSOR
SELF
TEST
100nF
100nF
CMID
AGND
AVCC
ST1
ST2
CORIOLIS SIGNAL CHANNEL
RSEN1
RSEN2
COUT
SUMJ
ROUT
2.5V REF
≈7kΩ ±35% ≈7kΩ ±35%
180k
Ω 1%
RESONATOR LOOP
Figure 1.
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Podobny numer części - ADXRS300_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS300ABG AD-ADXRS300ABG Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS300ABG-REEL AD-ADXRS300ABG-REEL Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
More results

Podobny opis - ADXRS300_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com