Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP07 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części OP07
Szczegółowy opis  Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP07 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button OP07_15 Datasheet HTML 6Page - Analog Devices OP07_15 Datasheet HTML 7Page - Analog Devices OP07_15 Datasheet HTML 8Page - Analog Devices OP07_15 Datasheet HTML 9Page - Analog Devices OP07_15 Datasheet HTML 10Page - Analog Devices OP07_15 Datasheet HTML 11Page - Analog Devices OP07_15 Datasheet HTML 12Page - Analog Devices OP07_15 Datasheet HTML 13Page - Analog Devices OP07_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP07
Data Sheet
Rev. G | Page 10 of 16
1000
100
10
1
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
0
10
20
30
40
50
60
TA = 25°C
Figure 21. Power Consumption vs. Power Supply
35
30
25
20
15
TIME FROM OUTPUT BEING SHORTED (Minutes)
0
4
3
2
1
VS = ±15V
TA = 25°C
VIN (PIN 3) = +10mV, VO = –15V
VIN (PIN 3) = –10mV, VO = +15V
Figure 22. Output Short-Circuit Current vs. Time
85.00
42.50
63.75
21.25
0
TEMPERATURE (°C)
–75
125
100
75
50
25
0
–25
–50
VS = ±15V
RS = 100Ω
OP07C
OP07E
Figure 23. Untrimmed Offset Voltage vs. Temperature
30.0
15.0
22.5
7.5
0
TEMPERATURE (°C)
–100
–75
100
75
50
25
0
–25
–50
OP07C
OP07E
OP07E
OP07C
VOS TRIMMED TO < 5µV AT 25°C
NULLING POT = 20kΩ
Figure 24. Trimmed Offset Voltage vs. Temperature
16
–16
–12
–8
–4
0
4
8
12
TIME (Months)
0
12
11
10
9
8
7
6
5
4
3
2
1
0.3µV/MONTH
TREND LINE
0.3µV/MONTH
TREND LINE
0.3µV/MONTH
TREND LINE
0.2µV/MONTH
TREND LINE
0.2µV/MONTH
TREND LINE
0.2µV/MONTH
TREND LINE
Figure 25. Offset Voltage Drift vs. Time


Podobny numer części - OP07_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OP07-W TI1-OP07-W Datasheet
922Kb / 21P
[Old version datasheet]   Precision Operational Amplifie
OP07-W TI-OP07-W Datasheet
1Mb / 22P
[Old version datasheet]   OP07x Precision Operational Amplifiers
OP07
logo
Analog Devices
OP07AJ AD-OP07AJ Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
logo
Maxim Integrated Produc...
OP07AJ MAXIM-OP07AJ Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Analog Devices
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results

Podobny opis - OP07_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07 AD-OP07_06 Datasheet
311Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. D
OP07 AD-OP07 Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com