Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP220 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części OP220
Szczegółowy opis  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP220 Arkusz danych(HTML) 3 Page - Analog Devices

  OP220_15 Datasheet HTML 1Page - Analog Devices OP220_15 Datasheet HTML 2Page - Analog Devices OP220_15 Datasheet HTML 3Page - Analog Devices OP220_15 Datasheet HTML 4Page - Analog Devices OP220_15 Datasheet HTML 5Page - Analog Devices OP220_15 Datasheet HTML 6Page - Analog Devices OP220_15 Datasheet HTML 7Page - Analog Devices OP220_15 Datasheet HTML 8Page - Analog Devices OP220_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
OP220
OP220A/E
OP220F
OP220C/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
DVOS
150
300
250
500
300
800
mV
Match
Average Noninverting
IB+VCM = 0
10
2015
25
2030
nA
Bias Current
Noninverting Offset
IOS+VCM = 0
0.7
1.5
1
2
1.4
2.5
nA
Current
Common-Mode
DCMRR VCM = –15 V to +13.5 V 92
100
87
95
72
85
dB
Rejection Ratio Match
1
Power Supply
DPSRR
VS =
±2.5 V to ±15 V,
6
14
18
44
57
140
mV/V
Rejection Ratio Match
2
NOTES
1
DCMRR is 20 log10 VCM/DCME, where VCM is the voltage applied to both noninverting inputs and DCME is the difference in common-mode input-referred error.
2
DPSRR is
Input Referred Differential Error
DV
S
.
3Sample tested.
MATCHING CHARACTERISTICS
OP220A/E
OP220F
OP220C/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
DVOS
250
500
400
800
800
1,800
mV
Match
Input Offset Voltage
TC
DVOS
12
1.5
3
1.5
5
mV/∞C
Tracking
1
Average Noninverting
IB+VCM = 0
10
2515
30
2240
nA
Bias Current
Average Drift of
TCIB+VCM = 0
15
2515
30
3050
pA/
∞C
Noninverting
Bias Current
1
Noninverting Offset
IOS+VCM = 0
0.7
2
1
2.5
2.5
5
nA
Current
Average Drift of
TCIOS+VCM = 0
7
15
12
22.5
15
30
pA/
∞C
Noninverting Offset
Current
1
Common-Mode
DCMRR VCM = –15 V to +13 V
87
96
82
96
72
80
dB
Rejection Ratio Match2
Power Supply
DPSRR
VS =
±2.5 V to ±15 V,
10
26
30
78
57
250
mV/V
Rejection Ratio Match
3
NOTES
1Sample tested.
2
DCMRR is 20 log10 VCM/DCME, where VCM is the voltage applied to both noninverting inputs and DCME is the difference in common-mode input-referred error.
3
DPSRR is
Input Referred Differential Error
DV
S
.
MATCHING CHARACTERISTICS
(Vs =
15 V, –55 C
£ TA £ +125 C for OP220A/C, –25 C £ TA £ +85 C for OP220E/F,
–40 C
£ TA £ +85 C for OP220G unless otherwise noted. Grades E, F are sample tested.)
(@ VS =
15 V, TA = 25 C, unless otherwise noted.)
OP220N
Parameter
Symbol
Conditions
Typical
Unit
Average Input Offset Voltage Drift
TCVOS
1.5
mV/∞C
Large-Signal Voltage Gain
AVO
RL = 25 k
W
2000
V/mV
TYPICAL ELECTRICAL CHARACTERISTICS (@ V
s =
15 V, TA = 25 C, unless otherwise noted.)


Podobny numer części - OP220_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP220A AD-OP220A Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AJ AD-OP220AJ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AZ AD-OP220AZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AZ AD-OP220AZ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220AZ MAXWELL-OP220AZ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

Podobny opis - OP220_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com