Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP220FZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części OP220FZ
Szczegółowy opis  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP220FZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button OP220FZ Datasheet HTML 4Page - Analog Devices OP220FZ Datasheet HTML 5Page - Analog Devices OP220FZ Datasheet HTML 6Page - Analog Devices OP220FZ Datasheet HTML 7Page - Analog Devices OP220FZ Datasheet HTML 8Page - Analog Devices OP220FZ Datasheet HTML 9Page - Analog Devices OP220FZ Datasheet HTML 10Page - Analog Devices OP220FZ Datasheet HTML 11Page - Analog Devices OP220FZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
OP220
–8–
OP220
INPUT
OUTPUT
100pF
25k
10
0%
100
90
2 s
20mV
50mV
Figure 2. Small-Signal Transient Response
10
0%
100
90
5V
2V
OP220
INPUT
OUTPUT
CL
100pF
RL
25k
200 s
10k
40k
Figure 3. Large-Signal Transient Response
INSTRUMENTATION AMPLIFIER APPLICATIONS OF
THE OP220
Two Op Amp Configuration
The excellent input characteristics of the OP220 make it ideal for
use in instrumentation amplifier configurations where low-level
differential signals are to be amplified. The low-noise, low input
offsets, low drift, and high gain combined with excellent CMRR
provide the characteristics needed for high-performance instru-
mentation amplifiers. In addition, the power supply current
drain is very low.
The circuit of Figure 4 is recommended for applications where
the common-mode input range is relatively low and differential
gain will be in the range of 10 to 1,000. This two op amp instrumen-
tation amplifier features independent adjustment of common-mode
rejection and differential gain. Input impedance is very high since
both inputs are applied to noninverting op amp inputs.
R4
R3
VO
A2
A1
V1
+
VD
VCM + 1/2 VD
VCM – 1/2 VD
R1
R2
1/2
OP220
1/2
OP220
GAIN
ADJ
R0
V
R
R
R
R
R
R
RR
R
V
R
R
R
R
R
R
V
RR
R
R
V
R
R
V
OD
CM
OD
=+
+
Ê
ËÁ
ˆ
¯˜ +
+
È
Î
Í
˘
˚
˙
+-
Ê
ËÁ
ˆ
¯˜
==
=
=
+
Ê
ËÁ
ˆ
¯˜
4
3
1
1
2
2
1
3
4
23
0
4
3
3
4
2
1
12
3
4
2 1
1
0
If
then
,
Figure 4. Two Op Amp Instrumentation Amplifier
Configuration
The input voltages are represented as a common-mode input
VCM plus a differential input VD. The ratio R3/R4 is made equal
to the ratio R2/R, to reject the common-mode input VCM. The
differential signal VD is then amplified according to:
V
R
R
R
R
RR
R
V
R
R
R
R
O
O
D
=+
+
+
Ê
ËÁ
ˆ
¯˜
=
4
3
1
3
4
23
3
4
2
1
, where
Note that gain can be independently varied by adjusting RO.
From considerations of dynamic range, resistor tempco match-
ing, and matching of amplifier response, it is generally best to
make RX, R2, R3, and R4 approximately equal. Designating
R1, R2, R3, and R4 as RN allows the output equation to be
further simplified:
V
R
R
VR
R
R
R
R
O
N
O
DN
=+
Ê
ËÁ
ˆ
¯˜
==
=
=
21
1
2
3
4
, where
Dynamic range is limited by A1 as well as A2; the output of A1 is:
V
R
R
VV
N
O
DCM
11
2
=- +
Ê
ËÁ
ˆ
¯˜
+
If the instrumentation amplifier were designed for a gain of 10
and maximum VD of
±1 V, then RN/RO would need to be four
and VO would be a maximum of
±10 V. Amplifier A1 would
have a maximum output of
±5 V plus 2 VCM, thus a limit of
±10 V on the output of A1 would imply a limit of ±2.5 V on VCM.
A nominal value of 100 k
W for RN is suitable for most applica-
tions. A range of 200
W to 25 kW for RO will then provide a gain
range of 10 to 1,000. The current through RO is VD/RO, so the
amplifiers must supply
±10 mV/200 W when the gain is at the
maximum value of 1,000 and VD is at
±10 mV.
Rejecting common-mode inputs is most important in accurately
amplifying low-level differential signals. Two factors determine
the CMR of this instrumentation amplifier configuration (assuming
infinite gain):
1. CMRR of the op amps
2. Matching of the resistor network (R3/R4 = R2/R1)


Podobny numer części - OP220FZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP220FZ AD-OP220FZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220FZ AD-OP220FZ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220FZ MAXWELL-OP220FZ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

Podobny opis - OP220FZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com