Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD914 Arkusz danych(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Numer części MMBD914
Szczegółowy opis  Surface Mount Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD914 Arkusz danych(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBD914_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD914_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
MMBD914
Surface Mount Switching Diode
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω Output
Pulse
Generator
50
Ω Input
Sampling
Oscilloscopes
tr
tp
t
10%
90%
IF
IR
trr
t
IR(REC) = 1.0 mA
Output Pulse
(IF = IR = 10 mA; Measured
at IR(REC) = 1.0 mA)
IF
Input Signal
Figure 1. Recovery Time Equivalent Test Circuit
Figure 2. Forward Voltage
VF, Forward Voltage (V)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, Reverse Voltage (V)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
VR, Reverse Voltage (V)
0
0.68
0.64
0.60
0.52
0.56
2.0
4.0
6.0
8.0
TA = 85°C
TA = –40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 2


Podobny numer części - MMBD914_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
MMBD914-13-F DIODES-MMBD914-13-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD914 MCC-MMBD914_11 Datasheet
172Kb / 3P
   350mW 100 Volt Silicon Epitaxial Diode
logo
Galaxy Semi-Conductor H...
MMBD914 BILIN-MMBD914_13 Datasheet
165Kb / 4P
   High-speed switching diode
logo
Micro Commercial Compon...
MMBD914 MCC-MMBD914_13 Datasheet
200Kb / 3P
   350mW 100 Volt Silicon Epitaxial Diode
logo
Pan Jit International I...
MMBD914 PANJIT-MMBD914_14 Datasheet
154Kb / 6P
   SURFACE MOUNT SWITCHING DIODE
More results

Podobny opis - MMBD914_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com