Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N0500R Arkusz danych(PDF) 2 Page - Renesas Technology Corp

Numer części N0500R
Szczegółowy opis  PNP SILICON EPITAXIAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0500R Arkusz danych(HTML) 2 Page - Renesas Technology Corp

  N0500R_15 Datasheet HTML 1Page - Renesas Technology Corp N0500R_15 Datasheet HTML 2Page - Renesas Technology Corp N0500R_15 Datasheet HTML 3Page - Renesas Technology Corp N0500R_15 Datasheet HTML 4Page - Renesas Technology Corp N0500R_15 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N0500R
R07DS0722EJ0100
Rev.1.00
Page 2 of 5
Mar 30, 2012
TYPICAL CHARACTERISTICS (Ta = 25C)
DERATING FACTOR FORWARD BIAS
SAFE OPERATING AREA
0
20
40
60
80
100
120
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
SAFE OPERATING AREA
−0.01
−0.1
−1
−10
−100
−10
−1
VCE - Collector to Emitter Voltage - (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
−0.02
−0.03
−0.04
−0.01
−0.05
0
0
−2
−4
−6
−8
−10
VCE - Collector to Emitter Voltage - (V)
VCE - Collector to Emitter Voltage - (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
−0.2
−0.4
−0.6
−0.8
0
−0.4
−0.8
−1.2
−1.6
−2
−2.0
−1.0
−1.5
−3.0
IB =
−0.5 mA
IC - Collector Current - (A)
10
100
1000
−0.001
−0.01
−0.1
−1
VCE =
−2 V
Pulsed
DC CURRENT GAIN vs.
COLLECTOR CURRENT
COLLECTOR AND BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
−0.01
−0.1
−1
−10
−0.001
−0.01
−0.1
−1
VBE(sat)
VCE(sat)
IC = 10
IB
IC - Collector Current - (A)
Ta = 25˚C
Single pulse
−100
−90
−20
−30
−40
−50
−60
−70
−80
IB =
−10 A
1 ms
10 ms
100 ms
125˚C
25˚C
25˚C
−4.0
−2.5
−3.5
−4.5
−5.0


Podobny numer części - N0500R_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
N0500R-T1-AT RENESAS-N0500R-T1-AT Datasheet
84Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR
More results

Podobny opis - N0500R_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com