Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCPERS450 Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części BCPERS450
Szczegółowy opis  BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPERS450 Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  BCPERS450_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPERS450_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPERS450_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPERS450_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
450
Output Watt Capacity (Watts)
280
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(3) 5-15R
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
3.1A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
4.6 min. (280w)
Half Load Runtime (min.)
15 min. (140w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 3.6 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC51
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
LEDS ALARMS & SWITCHES
LED Indicators
3 LEDs indicate line power, battery power and battery low/replace status
2 / 4


Podobny numer części - BCPERS450_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
   BC Personal 450VA Tower Standby 120V UPS with USB port
More results

Podobny opis - BCPERS450_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
   BC Personal 450VA Tower Standby 120V UPS with USB port
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
   BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
BCPERS300 TRIPPLITE-BCPERS300 Datasheet
485Kb / 4P
   BC Personal 300VA Tower Standby 120V UPS
logo
List of Unclassifed Man...
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
   BC Personal 300VA Tower Standby 120V UPS
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050_15 Datasheet
489Kb / 4P
   BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
   BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com