Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1010NS Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF1010NS
Szczegółowy opis  Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1010NS Arkusz danych(HTML) 6 Page - International Rectifier

Back Button IRF1010NS Datasheet HTML 2Page - International Rectifier IRF1010NS Datasheet HTML 3Page - International Rectifier IRF1010NS Datasheet HTML 4Page - International Rectifier IRF1010NS Datasheet HTML 5Page - International Rectifier IRF1010NS Datasheet HTML 6Page - International Rectifier IRF1010NS Datasheet HTML 7Page - International Rectifier IRF1010NS Datasheet HTML 8Page - International Rectifier IRF1010NS Datasheet HTML 9Page - International Rectifier IRF1010NS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF1010NS/IRF1010NL
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R )D S S
I AS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
175
0
100
200
300
400
500
Starting T , Junction Temperature( C)
J
°
ID
TOP
BOTTOM
18A
30A
43A
R G
IAS
0.01
tp
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
VGS


Podobny numer części - IRF1010NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
Inchange Semiconductor ...
IRF1010NS ISC-IRF1010NS Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
297Kb / 11P
   HEXFET짰 Power MOSFET
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
298Kb / 11P
   Advanced Process Technology
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
298Kb / 11P
   Advanced Process Technology
More results

Podobny opis - IRF1010NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1010N IRF-IRF1010N Datasheet
211Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A??
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
   Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
   Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRFR014 IRF-IRFR014 Datasheet
172Kb / 6P
   Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
IRF520N IRF-IRF520N Datasheet
116Kb / 8P
   Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com