Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1302S Arkusz danych(PDF) 11 Page - International Rectifier

Numer części IRF1302S
Szczegółowy opis  Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1302S Arkusz danych(HTML) 11 Page - International Rectifier

Back Button IRF1302S Datasheet HTML 3Page - International Rectifier IRF1302S Datasheet HTML 4Page - International Rectifier IRF1302S Datasheet HTML 5Page - International Rectifier IRF1302S Datasheet HTML 6Page - International Rectifier IRF1302S Datasheet HTML 7Page - International Rectifier IRF1302S Datasheet HTML 8Page - International Rectifier IRF1302S Datasheet HTML 9Page - International Rectifier IRF1302S Datasheet HTML 10Page - International Rectifier IRF1302S Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRF1302S/IRF1302L
www.irf.com
11
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Starting T
J = 25°C, L = 0.063mH
RG = 25Ω, IAS = 104A. (See Figure 12).
ƒ ISD ≤ 104A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
‡ Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
ˆ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
D2Pak Tape & Reel Information
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.07/02
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Podobny numer części - IRF1302S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302PBF IRF-IRF1302PBF Datasheet
165Kb / 10P
   AUTOMOTIVE MOSFET ( VDSS = 20V , RDS(on) = 4.0m廓 , ID = 180A )
More results

Podobny opis - IRF1302S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
   Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
   Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com