Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR7843 Arkusz danych(PDF) 11 Page - Kersemi Electronic Co., Ltd.

Numer części IRLR7843
Szczegółowy opis  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR7843 Arkusz danych(HTML) 11 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR7843 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRLR7843 Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 20mH, RG = 25Ω,
IAS = 12A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
„ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
… When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to
application note #AN-994.
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH
IRLR/U7843
www.kersemi.com
10
2014-8-25


Podobny numer części - IRLR7843

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR7843 IRF-IRLR7843 Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLR7843 IRF-IRLR7843 Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLR7843 ISC-IRLR7843 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
IRLR7843 ISC-IRLR7843 Datasheet
248Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLR7843CPBF IRF-IRLR7843CPBF Datasheet
298Kb / 11P
   HEXFET Power MOSFET
More results

Podobny opis - IRLR7843

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com