Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR8113 Arkusz danych(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Numer części IRLR8113
Szczegółowy opis  High Frequency Synchronous Buck
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR8113 Arkusz danych(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR8113 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR8113 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS
Fig 14a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 14b. Switching Time Waveforms
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
ID
TOP
8.3A
9.4A
BOTTOM 13A
IRLR8113PBF
IRLU8113PBF
2014-8-25
6
www.kersemi.com


Podobny numer części - IRLR8113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR8113 IRF-IRLR8113 Datasheet
200Kb / 11P
   HEXFET Power MOSFET
IRLR8113PBF IRF-IRLR8113PBF Datasheet
259Kb / 11P
   HEXFET Power MOSFET
More results

Podobny opis - IRLR8113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com