Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLU8113PBF Arkusz danych(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Numer części IRLU8113PBF
Szczegółowy opis  High Frequency Synchronous Buck
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU8113PBF Arkusz danych(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRLU8113PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
5
10
15
20
25
30
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 24V
VDS= 15V
ID= 12A
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
Tc = 25°C
Tj = 175°C
Single Pulse
IRLR8113PBF
IRLU8113PBF
2014-8-25
4
www.kersemi.com


Podobny numer części - IRLU8113PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLU8113PBF IRF-IRLU8113PBF Datasheet
259Kb / 11P
   HEXFET Power MOSFET
More results

Podobny opis - IRLU8113PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com