Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLU8256PBF Arkusz danych(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Numer części IRLU8256PBF
Szczegółowy opis  High Frequency Synchronous Buck
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU8256PBF Arkusz danych(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRLU8256PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRLR8256PBF
IRLU8256PBF
Applications
D-Pak
IRLR8256PbF
I-Pak
IRLU8256PbF
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l Lead-Free
l RoHS compliant
VDSS RDS(on) max
Qg
25V
5.7m
:
10nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
h
–––
2.4
RθJA
Junction-to-Ambient (PCB Mount)
–––
50
RθJA
Junction-to-Ambient
–––
110
V
°C
°C/W
W
A
0.42
31
300 (1.6mm from case)
-55 to + 175
63
Max.
81
f
57
f
325
± 20
25
2014-8-25
1
www.kersemi.com


Podobny numer części - IRLU8256PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLU8256PbF IRF-IRLU8256PbF Datasheet
358Kb / 11P
   HEXFET Power MOSFET
More results

Podobny opis - IRLU8256PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com