Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLU8259PbF Arkusz danych(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Numer części IRLU8259PbF
Szczegółowy opis  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU8259PbF Arkusz danych(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRLU8259PbF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU8259PbF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U8259PbF
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
18
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.3
8.7
–––
10.6
12.9
VGS(th)
Gate Threshold Voltage
1.35
1.90
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-7.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
55
–––
–––
S
Qg
Total Gate Charge
–––
6.8
10
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.4
–––
Qgodr
Gate Charge Overdrive
–––
1.8
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.5
–––
Qoss
Output Charge
–––
5.9
–––
nC
RG
Gate Resistance
–––
2.2
3.6
td(on)
Turn-On Delay Time
–––
8.4
–––
tr
Rise Time
–––
38
–––
td(off)
Turn-Off Delay Time
–––
9.1
–––
tf
Fall Time
–––
8.9
–––
Ciss
Input Capacitance
–––
900
–––
Coss
Output Capacitance
–––
300
–––
Crss
Reverse Transfer Capacitance
–––
110
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
(Body Diode)
ISM
Pulsed Source Current
–––
–––
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
17
26
ns
Qrr
Reverse Recovery Charge
–––
15
23
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
–––
VGS = 4.5V
Typ.
–––
–––
ID = 17A
VGS = 0V
VDS = 13V
RG = 1.8
TJ = 25°C, IF = 17A, VDD = 13V
di/dt = 200A/µs
e
TJ = 25°C, IS = 17A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = 13V, ID = 17A
VDS = 16V, VGS = 0V
VDD = 13V, VGS = 4.5Ve
ID = 17A
VDS = 13V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 21A e
VGS = 4.5V, ID = 17A e
VGS = 20V
VGS = -20V
VDS = VGS, ID = 25µA
VDS = 20V, VGS = 0V
VDS = 20V, VGS = 0V, TJ = 125°C
Conditions
4.8
See Fig. 14
Max.
67
17
ƒ = 1.0MHz
m
56
f
230
µA
nA
ns
pF
A
2014-8-16
www.kersemi.com
2


Podobny numer części - IRLU8259PbF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLU8259PBF IRF-IRLU8259PBF Datasheet
375Kb / 11P
   HEXFET Power MOSFET
More results

Podobny opis - IRLU8259PbF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com