Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ687 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SJ687
Szczegółowy opis  SWITCHING P-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ687 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SJ687_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D18719EJ2V0DS
2
2SJ687
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−20 V, VGS = 0 V
−10
μA
Gate Leakage Current
IGSS
VGS = m12 V, VDS = 0 V
m100
nA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1 mA
−0.6
−1.2
−1.45
V
Forward Transfer Admittance
Note
| yfs |
VDS =
−10 V, ID = −10 A
20
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS =
−4.5 V, ID = −10 A
5.4
7.0
m
Ω
RDS(on)2
VGS =
−3.0 V, ID = −10 A
7.1
9.0
m
Ω
RDS(on)3
VGS =
−2.5 V, ID = −10 A
10.8
20
m
Ω
Input Capacitance
Ciss
VDS =
−10 V,
4400
pF
Output Capacitance
Coss
VGS = 0 V,
1070
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
760
pF
Turn-on Delay Time
td(on)
VDD =
−10 V, ID = −10 A,
36
ns
Rise Time
tr
VGS =
−4.5 V,
220
ns
Turn-off Delay Time
td(off)
RG = 3
Ω
270
ns
Fall Time
tf
310
ns
Total Gate Charge
QG
VDD =
−16 V,
57
nC
Gate to Source Charge
QGS
VGS =
−4.5 V,
12
nC
Gate to Drain Charge
QGD
ID =
−20 A
28
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF =
−20 A, VGS = 0 V
0.85
1.5
V
Reverse Recovery Time
trr
IF =
−20 A, VGS = 0 V,
200
ns
Reverse Recovery Charge
Qrr
di/dt =
−100 A/
μs
240
nC
Note Pulsed
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
L
VDD
VGS =
−12 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS(−)
10%
90%
VGS
10%
0
VDS(−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
<R>
<R>


Podobny numer części - 2SJ687_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SJ687-ZK-E1-AY NEC-2SJ687-ZK-E1-AY Datasheet
167Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
2SJ687-ZK-E1-AY VBSEMI-2SJ687-ZK-E1-AY Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ687-ZK-E1-AY RENESAS-2SJ687-ZK-E1-AY Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
2SJ687-ZK-E2-AY NEC-2SJ687-ZK-E2-AY Datasheet
167Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ687-ZK-E2-AY RENESAS-2SJ687-ZK-E2-AY Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Podobny opis - 2SJ687_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com