Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1000RM1UTAA Arkusz danych(PDF) 4 Page - Tripp Lite. All Rights Reserved

Numer części SM1000RM1UTAA
Szczegółowy opis  TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM1000RM1UTAA Arkusz danych(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SM1000RM1UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Power Module Weight (kg)
14.5
UPS Shipping Dimensions (hwd / in.)
6.2 x 23.5 x 22.5
UPS Shipping Dimensions (hwd /
cm)
15.9 x 59.7 x 57.2
Shipping Weight (lbs.)
36
Shipping Weight (kg)
16.3
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
39
AC Mode Efficiency Rating (100%
Load)
94%
COMMUNICATIONS
Communications Interface
USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
5 milliseconds AC to DC; 1 millisecond DC to AC
Low Voltage Transfer to Battery
Power (Setpoint)
83
High Voltage Transfer to Battery
Power (Setpoint)
147
SPECIAL FEATURES
Grounding Lug
Back panel grounding lug
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS; Individually controllable load banks
CERTIFICATIONS
4 / 5


Podobny numer części - SM1000RM1UTAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Podobny opis - SM1000RM1UTAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com