Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2200RMDVTAA Arkusz danych(PDF) 3 Page - Tripp Lite. All Rights Reserved

Numer części SM2200RMDVTAA
Szczegółowy opis  SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Dual Voltage, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM2200RMDVTAA Arkusz danych(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SM2200RMDVTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Input Circuit Breakers
20A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
12 minutes (1920 watts)
Half Load Runtime (min.)
30 minutes (960 watts)
Expandable Battery Runtime
Extended runtime supported via optional external battery packs
External Battery Pack Compatibility
BP48V24-2U (limit 1); BP48V60RT-3U (multi-pack compatible); BP48V27-2US (multi-pack compatible)
DC System Voltage (VDC)
48
Battery Recharge Rate (Included
Batteries)
Less than 4.5 hours from 10% to 90% (internal batteries)
Internal UPS Replacement Battery
Cartridge
RBC49-DV (quantity 2 required)
Battery Access
Front panel battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains 120v line power output with input range of 89 to 148 or 170 to 286
Overvoltage Correction
Voltage reduction of 12% applies when input is between 127 and 148 (120V)
Undervoltage Correction
Voltage boost of 12% applies when input voltage is between 96 and 108 (120V)
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; rear panel protected switches support
nominal voltage selection
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure, overload and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
340
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
3 / 5


Podobny numer części - SM2200RMDVTAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SM2200RMXL2UPN TRIPPLITE-SM2200RMXL2UPN Datasheet
182Kb / 6P
   SmartPro 120V 2200VA 1920W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Podobny opis - SM2200RMDVTAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART5000TEL3U TRIPPLITE-SMART5000TEL3U_15 Datasheet
517Kb / 5P
   SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 3U Rack-Tower,USB, DB9 Serial
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RM2UN TRIPPLITE-SMART2200RM2UN Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com