Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N0300N Arkusz danych(PDF) 6 Page - Renesas Technology Corp

Numer części N0300N
Szczegółowy opis  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0300N Arkusz danych(HTML) 6 Page - Renesas Technology Corp

  N0300N_15 Datasheet HTML 1Page - Renesas Technology Corp N0300N_15 Datasheet HTML 2Page - Renesas Technology Corp N0300N_15 Datasheet HTML 3Page - Renesas Technology Corp N0300N_15 Datasheet HTML 4Page - Renesas Technology Corp N0300N_15 Datasheet HTML 5Page - Renesas Technology Corp N0300N_15 Datasheet HTML 6Page - Renesas Technology Corp N0300N_15 Datasheet HTML 7Page - Renesas Technology Corp N0300N_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D19781EJ1V0DS
4
N0300N
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
0
0.4
0.8
1.2
1.6
2
Pulsed
VGS = 4.5 V
10 V
VDS - Drain to Source Voltage - V
0.0001
0.001
0.01
0.1
1
10
01
234
VDS = 10 V
Pulsed
TA = 125
°C
75
°C
25
°C
−25°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
0.5
1
1.5
2
2.5
3
-50 -25
0
25 50 75 100 125 150 175
VDS = 10 V
ID = 1.0 mA
Tch - Channel Temperature -
°C
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
VDS = 10 V
Pulsed
TA =
−25°C
25
°C
75
°C
125
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
20
40
60
80
100
120
0.1
1
10
100
Pulsed
VGS = 4.5 V
10 V
ID - Drain Current - A
0
20
40
60
80
100
120
140
160
180
200
0
4
8
12
16
ID = 2.0 A
Pulsed
VGS - Gate to Source Voltage - V


Podobny numer części - N0300N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
N0300N-T1B-AT RENESAS-N0300N-T1B-AT Datasheet
259Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
N0300N-T1B-AT VBSEMI-N0300N-T1B-AT Datasheet
488Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - N0300N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com