Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N0301N Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części N0301N
Szczegółowy opis  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0301N Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  N0301N_15 Datasheet HTML 1Page - Renesas Technology Corp N0301N_15 Datasheet HTML 2Page - Renesas Technology Corp N0301N_15 Datasheet HTML 3Page - Renesas Technology Corp N0301N_15 Datasheet HTML 4Page - Renesas Technology Corp N0301N_15 Datasheet HTML 5Page - Renesas Technology Corp N0301N_15 Datasheet HTML 6Page - Renesas Technology Corp N0301N_15 Datasheet HTML 7Page - Renesas Technology Corp N0301N_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D20202EJ1V0DS
3
N0301N
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TA - Ambient Temperature -
°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Mounted on 2500 mm
2 x 35 μ m
Coper Pad Connected to
Drain Electrode, t
≤ 5 sec
TA - Ambient Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.01
0.1
1
10
100
0.1
1
10
100
TA = 25
°C
Single Pulse
ID(DC)
ID(pulse)
Mounted on FR-4 board of
50 mm x 50 mm x 1.6 mm,
copper foil 50 mm x 50 mm, t
≤ 5
1
1 m
1
s
1
1
0 m
1
s
1
1
00
m
1
s
PW
= 3
00
s
5 s
RD
S(o
n)
Lim
1
ite
d
(V
GS
= 1
10
V)
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Mounted on FR-4 board of 50 mm x 50 mm x 1.6 mm
Mounted on 2500 mm
2 x 35 μ m
Coper Pad Connected to Drain Electrode
PW - Pulse Width - s
0.1 m
1 m
10 m
100 m
1
10
100
1000


Podobny numer części - N0301N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
N0301N-T1-AT RENESAS-N0301N-T1-AT Datasheet
261Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Podobny opis - N0301N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com