Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-7891 Arkusz danych(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części MC-7891
Szczegółowy opis  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7891 Arkusz danych(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7891_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7891_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7891_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7891_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7891_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7891_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet PG10673EJ01V0DS
2
MC-7891
RECOMMENDED OPERATING CONDITIONS (ZS = ZL = 75
Ω, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
23.5
24.0
24.5
V
Input Voltage
Vi
77 channel,
7 dB tilted across the band
33.0
39.0
dBmV
Operating Case Temperature
TC
−30
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TC = 30
±5°C, VDD = 24 V, ZS = ZL = 75 Ω, unless otherwise
specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Linear Gain 1
GL1
f = 40 MHz
18.0
19.5
dB
Linear Gain 2
GL2
f = 1 GHz
18.5
20.0
dB
Gain Slope
GSlope
f = 40 MHz to 1 GHz
0.2
1.4
dB
Gain Flatness
GFlatness
f = 40 MHz to 1 GHz, Peak to valley
0.8
dB
Noise Figure 1
NF1
f = 50 MHz
6.5
dB
Noise Figure 2
NF2
f = 1 GHz
7.0
dB
Operating Current
IDD
RF OFF
385
mA
Composite Triple Beat
CTB
77 channel,
−63
dBc
Cross Modulation
XM
VO = 52 dBmV at 547.25 MHz,
−60
dBc
Composite 2nd Order Beat
CSO
7 dB tilted across the band
−65
dBc
Input Return Loss 1
RLi1
f = 40 MHz
20
dB
Input Return Loss 2
RLi2
f = 1 GHz
14
dB
Output Return Loss 1
RLo1
f = 40 MHz
21
dB
Output Return Loss 2
RLo2
f = 1 GHz
16
dB


Podobny numer części - MC-7891_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-7891-AZ NEC-MC-7891-AZ Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
California Eastern Labs
MC-7891-AZ CEL-MC-7891-AZ Datasheet
855Kb / 5P
   1 GHz CATV 19 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7891-AZ RENESAS-MC-7891-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
More results

Podobny opis - MC-7891_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com