Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE3511S02-T1C Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części NE3511S02-T1C
Szczegółowy opis  X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3511S02-T1C Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  NE3511S02-T1C Datasheet HTML 1Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 2Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 3Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 4Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 5Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 6Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 7Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 8Page - Renesas Technology Corp NE3511S02-T1C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3511S02
X TO Ku BAND SUPER LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
Document No. PG10642EJ01V0DS (1st edition)
Date Published October 2006 NS CP(N)
Printed in Japan
2006
FEATURES
• Super low noise figure and high associated gain
NF = 0.30 dB TYP., Ga = 13.5 dB TYP. @ f = 12 GHz
• Micro-X plastic (S02) package
APPLICATIONS
• X to Ku-band DBS LNB
• Other X to Ku-band communication systems
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Marking
Supplying Form
NE3511S02-T1C
NE3511S02-T1C-A
2 kpcs/reel
B
NE3511S02-T1D
NE3511S02-T1D-A
S02 (Pb-Free)
10 kpcs/reel
• 8 mm wide embossed taping
• Pin 4 (Gate) faces the perforation side
of the tape
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: NE3511S02
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
4
V
Gate to Source Voltage
VGS
−3
V
Drain Current
ID
IDSS
mA
Gate Current
IG
100
μA
Total Power Dissipation
Ptot
Note
165
mW
Channel Temperature
Tch
+125
°C
Storage Temperature
Tstg
−65 to +125
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB


Podobny numer części - NE3511S02-T1C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE3511S02-T1C CEL-NE3511S02-T1C Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3511S02-T1C-A CEL-NE3511S02-T1C-A Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Podobny opis - NE3511S02-T1C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE3210S01 NEC-NE3210S01 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com