Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPW-25A Arkusz danych(PDF) 2 Page - Topstek Inc.

Numer części TPW-25A
Szczegółowy opis  Highly reliable Hall Effect device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPSTEK [Topstek Inc.]
Strona internetowa  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TPW-25A Arkusz danych(HTML) 2 Page - Topstek Inc.

  TPW-25A Datasheet HTML 1Page - Topstek Inc. TPW-25A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Topstek Current Transducers TPW25A .. TPW250A
- 97 -
www.topstek.com
TPW
V080622
7/1/2008
Output C
+15V
Output A
NC*
Pin Assignment
GND
-15V
Positive current flow direction
TPW100A
08265
Appearance, dimensions and pin identification
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Podobny numer części - TPW-25A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tycon Systems, Inc.
TPW TYCONSYSTEMS-TPW Datasheet
304Kb / 2P
   BreezePro™ Horizontal Wind Turbine
logo
Topstek Inc.
TPW100A TOPSTEK-TPW100A Datasheet
158Kb / 2P
   Topstek Current Transducers
TPW125A TOPSTEK-TPW125A Datasheet
158Kb / 2P
   Topstek Current Transducers
logo
Toshiba Semiconductor
TPW1500CNH TOSHIBA-TPW1500CNH Datasheet
379Kb / 10P
   MOSFETs Silicon N-channel MOS
2019-10-30 Rev.4.0
logo
Topstek Inc.
TPW150A TOPSTEK-TPW150A Datasheet
158Kb / 2P
   Topstek Current Transducers
More results

Podobny opis - TPW-25A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
   Highly reliable Hall Effect device
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
THDD-5A TOPSTEK-THDD-5A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
TGH-3A TOPSTEK-TGH-3A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
TP-25A TOPSTEK-TP-25A Datasheet
112Kb / 2P
   Highly reliable Hall Effect device
THT-6A TOPSTEK-THT-6A Datasheet
90Kb / 2P
   Highly reliable Hall Effect device
TJC-25A TOPSTEK-TJC-25A Datasheet
162Kb / 2P
   Highly reliable Hall Effect device
THP-5A TOPSTEK-THP-5A Datasheet
102Kb / 2P
   Highly reliable Hall Effect device
TPH-25A TOPSTEK-TPH-25A Datasheet
160Kb / 2P
   Highly reliable Hall Effect device
TFC30P80A TOPSTEK-TFC30P80A Datasheet
206Kb / 4P
   Highly reliable Open Loop Hall Effect device
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com