Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA40-600B Arkusz danych(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Numer części BTA40-600B
Szczegółowy opis  40A TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA40-600B Arkusz danych(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  BTA40-600B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA40-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA40-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA40-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA40-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA40-600B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Table 1: Main Features
DESCRIPTION
Available in high power packages, the BTA/
BTB40-41 series is suitable for general purpose
AC switching. They can be used as an ON/OFF
function in applications such as static relays, heat-
ing regulation, induction motor starting circuits... or
for phase control operation in light dimmers, motor
speed controllers, ...
Thanks to their clip assembly technique, they
provide a superior performance in surge current
handling capabilities.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (File ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
40
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
50
mA
40A TRIACS
Table 2: Order Codes
Part Number
Marking
BTA40-xxxB
See table 8 on page 6
BTA41-xxxBRG
BTB41-xxxBRG
TOP3 Insulated
(BTA41)
TOP3
(BTB41)
A2
A1
G
RD91
(BTA40)
BTA40, BTA41 and BTB41 Series
2014-6-16
www.kersemi.com
1


Podobny numer części - BTA40-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTA40-600B STMICROELECTRONICS-BTA40-600B Datasheet
85Kb / 7P
   40A TRIACs
BTA40-600B STMICROELECTRONICS-BTA40-600B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-600B STMICROELECTRONICS-BTA40-600B Datasheet
95Kb / 7P
   40A TRIACS
logo
Inchange Semiconductor ...
BTA40-600B ISC-BTA40-600B Datasheet
123Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA40-600BRG STMICROELECTRONICS-BTA40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
More results

Podobny opis - BTA40-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
80810 STMICROELECTRONICS-80810 Datasheet
95Kb / 7P
   40A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA41-600B TGS-BTA41-600B Datasheet
87Kb / 1P
   40A TRIACS
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
   40A TRIACS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com