Zakładka z wyszukiwarką danych komponentów |
|
BTB16-700BW Arkusz danych(PDF) 1 Page - Kersemi Electronic Co., Ltd. |
|
BTB16-700BW Arkusz danych(HTML) 1 Page - Kersemi Electronic Co., Ltd. |
1 / 6 page BTA16, BTB16 T1610, T1635 16 A Snubberless™, logic level and standard Triacs Features ■ Medium current Triac ■ Low thermal resistance with clip bonding ■ Low thermal resistance insulation ceramic for insulated BTA ■ High commutation (4Q) or very high commutation (3Q) capability ■ BTA series UL1557 certified (File ref: 81734) ■ RoHS ( 2002/95/EC) compliant ■ Insulated tab (BTA series, rated at 2500 VRMS) Applications ■ Snubberless versions (BTA/BTB...W and T1635) especially recommended for use on inductive loads, because of their high commutation performances ■ On/off or phase angle function in applications such as static relays, light dimmers and appliance motor speed controllers Description Available either in through-hole or surface-mount packages, the BTA16, BTB16, T1610 and T1635 Triacs series are suitable for general purpose mains power AC switching. TM: Snubberless is a trademark of STMicroelectronics A2 A1 G D2PAK T1610G T1635G TO-220AB insulated BTA16 TO-220AB BTB16 Table 1. Device summary Symbol Parameter BTA16 (1) 1. Insulated BTB16 T1610 T1635 IT(RMS) On-state rms current 16 16 16 16 VDRM/VRRM Repetitive peak off-state voltage 600/800 600/800 600/800 600/800 IGT (Snubberless) Triggering gate current 35/50 35/50 - 35 IGT (logic level) Triggering gate current 10 10 10 - IGT (standard) Triggering gate current 25/50 25/50 - - 2014-6-9 1 www.kersemi.com |
Podobny numer części - BTB16-700BW |
|
Podobny opis - BTB16-700BW |