Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM300608-1 Arkusz danych(PDF) 1 Page - DB Unlimited.

Numer części SM300608-1
Szczegółowy opis  Released from Engineering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBUNLIMITED [DB Unlimited.]
Strona internetowa  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

SM300608-1 Arkusz danych(HTML) 1 Page - DB Unlimited.

  SM300608-1 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit
Version
Date
Approved
1
2/8/2014
J.S.
(Hz)
(Hz)
(dBA)
(Ohm)
(W)
(W)
Drawn by
Date
Checked by
Date
Approved by
Date
°C
G.W.
1/27/2014
C.E.
2/4/2014
J.S.
2/8/2014
°C
(g)
Mount Type
Max Power
Weight
6.9
-20 ~ +60
Flange Mount
-10 ~ +40
Storage Temperature
Revision History
Specifications
Frequency Range
SPL @ 10cm
Operating Temperature
SM300608-1
Dynamic Speaker
Shape
Description
Nominal Power
Cone Material
Resonant Frequency
Impedance
1) All dimensions are in mm unless otherwise noted
Value
Round
0.3
2) All parts meet RoHS
Mylar
Description
Released from Engineering
Notes
8
96
600 ~ 20,000
600
0.5
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2014, DB Unlimited
Sheet
1 of 1


Podobny numer części - SM300608-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
StarHope
SM300 SPSEMI-SM300 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Powerbox
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
logo
Tripp Lite. All Rights ...
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
More results

Podobny opis - SM300608-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com