Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM360416-2 Arkusz danych(PDF) 1 Page - DB Unlimited.

Numer części SM360416-2
Szczegółowy opis  Released from Engineering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBUNLIMITED [DB Unlimited.]
Strona internetowa  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

SM360416-2 Arkusz danych(HTML) 1 Page - DB Unlimited.

  SM360416-2 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2013, DB Unlimited
Sheet
1 of 1
Unit
Version
Date
Approved
1
10/21/2013
J.S
(Hz)
(Hz)
(dBA)
(Ohm)
(W)
(W)
Drawn by
Date
Checked by
Date
Approved by
Date
°C
A.B.
10/21/2013
C.E.
10/21/2013
J.S
10/21/2013
°C
(g)
93
420 ~ 5,600
420
0.4
Value
Round
0.2
2) All parts meet RoHS
Mylar
Description
Released from Engineering
Notes
16
Insert Graphics
Storage Temperature
Revision History
Specifications
Frequency Range
SPL @ 10cm
Operating Temperature
SM360416-2
Dynamic Speaker
Shape
Description
Nominal Power
Cone Material
Resonant Frequency
Impedance
1) All dimensions are in mm unless otherwise noted
Mount Type
Max Power
Weight
8.7
-40 ~ +66
Flush
-40 ~ +66


Podobny numer części - SM360416-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Unlimited.
SM360416-1 DBUNLIMITED-SM360416-1 Datasheet
796Kb / 1P
   Released from Engineering
More results

Podobny opis - SM360416-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com