Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N0602N Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części N0602N
Szczegółowy opis  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0602N Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  N0602N_15 Datasheet HTML 1Page - Renesas Technology Corp N0602N_15 Datasheet HTML 2Page - Renesas Technology Corp N0602N_15 Datasheet HTML 3Page - Renesas Technology Corp N0602N_15 Datasheet HTML 4Page - Renesas Technology Corp N0602N_15 Datasheet HTML 5Page - Renesas Technology Corp N0602N_15 Datasheet HTML 6Page - Renesas Technology Corp N0602N_15 Datasheet HTML 7Page - Renesas Technology Corp N0602N_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
N0602N
Chapter Title
R07DS0558EJ0100 Rev.1.00
Page 4 of 6
Nov 07, 2011
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
100
200
300
400
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
VGS = 10 V
Pulsed
VDS - Drain to Source Voltage - V
0.001
0.01
0.1
1
10
100
012
345
VDS = 10 V
Pulsed
TA = 125
°C
75
°C
25
°C
−25°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs. DRAIN
CURRENT
0
1
2
3
4
-50
0
50
100
150
VDS = 10 V
ID = 1.0 mA
Tch - Channel Temperature -
°C
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS = 10 V
Pulsed
TA = 125
°C
75
°C
25
°C
−25°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
2
4
6
8
10
1
10
100
1000
Pulsed
VGS = 10 V
ID - Drain Current - A
0
5
10
15
20
25
05
10
15
20
ID = 50 A
Pulsed
VGS - Gate to Source Voltage - V


Podobny numer części - N0602N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
N0602N RENESAS-N0602N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
logo
Inchange Semiconductor ...
N0602N ISC-N0602N Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - N0602N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com