Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1-G Arkusz danych(PDF) 4 Page - TriQuint Semiconductor

Numer części AM1-G
Szczegółowy opis  High Dynamic Range Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AM1-G Arkusz danych(HTML) 4 Page - TriQuint Semiconductor

  AM1-G_15 Datasheet HTML 1Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 2Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 3Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 4Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 5Page - TriQuint Semiconductor AM1-G_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AM1
High Dynamic Range Gain Block
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
 Phone +1-503-615-9000  FAX: +1-503-615-8900  e-mail: info-sales@tqs.com  Web site: www.TriQuint.com
Page 4 of 6
May 2012
Application Circuit: 800
– 2600 MHz (AM1-PCB)
C=
ID=
1.8e4 pF
C4
L=
ID=
12 nH
L3
L=
ID=
10 nH
L2
C=
ID=
56 pF
C5
CAP
C=
ID=
56 pF
C2
F0=
Loss=
Eeff=
L=
Z0=
ID=
1 GHz
0
3.52
170 mil
50 Ohm
TL1
NET="AM1"
+4.5V
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Frequency (GHz)
9
10
11
12
13
14
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) * (R)
DB(|S[2,1]|) * (L)
DB(|S[2,2]|) * (R)
Reference Design: 70 MHz
C=1e4 pF
L=180 nH
C=1e4 pF
C=1e4 pF
L=180 nH
C=5.6 pF
NET="AM1"
+4.5 V
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
Frequency (GHz)
12
13
14
15
16
17
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)
Reference Design: 170 MHz
C=1000 pF
L=220 nH
C=1000 pF
C=1e4 pF
L=39 nH
C=3.9 pF
NET="AM1"
+4.5 V
0.1
0.13
0.16
0.19
0.22
0.25
Frequency (GHz)
12
13
14
15
16
17
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)


Podobny numer części - AM1-G_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
AM1-G WJCI-AM1-G Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
More results

Podobny opis - AM1-G_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
AG102 WJCI-AG102 Datasheet
399Kb / 6P
   High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
   High Dynamic Range Gain Block
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
   High Dynamic Range Gain Block
AG103 WJCI-AG103 Datasheet
167Kb / 5P
   High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
   High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
   High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
   High Dynamic Range Gain Block
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
   High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
   High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
   High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com