Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TAT9988 Arkusz danych(PDF) 7 Page - TriQuint Semiconductor

Numer części TAT9988
Szczegółowy opis  CATV GaN Power Doubler MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT9988 Arkusz danych(HTML) 7 Page - TriQuint Semiconductor

Back Button TAT9988_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 9Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 10Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TAT9988
CATV GaN Power Doubler MMIC
Preliminary Datasheet: Rev G 10-07-14
- 7 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots
– TAT8888-1200 (50-1200 MHz Hybrid Evaluation Board)
Test conditions unless otherwise noted: VDD=+24 V,
75 Ω System, Base Temp=+35°C.
10
15
20
25
30
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Gain
-45
-35
-25
-15
-5
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Isolation
-50
-40
-30
-20
-10
0
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Input Return Loss
-50
-40
-30
-20
-10
0
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Output Return Loss
-86
-82
-78
-74
-70
0
100
200
300
400
500
600
Frequency (MHz)
CSO vs Frequency
85 ch. NTSC + QAM (@ 6dB offset) upto 1.2GHz,
Pout = 60 dBmV/ch, 22 dB tilt
-86
-82
-78
-74
-70
0
100
200
300
400
500
600
Frequency (MHz)
CTB vs Frequency
85 ch. NTSC + QAM (@ 6dB offset) upto 1.2GHz,
Pout = 60 dBmV/ch, 22 dB tilt
52
56
60
64
68
0
100
200
300
400
500
600
Frequency (MHz)
CCN vs Frequency
85 ch. NTSC + QAM (@ 6dB offset) upto 1.2GHz,
Pout = 60 dBmV/ch, 22 dB tilt


Podobny numer części - TAT9988_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TAT905J12512 ETC2-TAT905J12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905K12512 ETC2-TAT905K12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905M12512 ETC2-TAT905M12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Podobny opis - TAT9988_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Skyworks Solutions Inc.
ACA1216 SKYWORKS-ACA1216 Datasheet
477Kb / 10P
   1218 MHz CATV MMIC Power Doubler
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
M/A-COM Technology Solu...
MAAM-010355 MA-COM-MAAM-010355 Datasheet
1Mb / 10P
   CATV Power Doubler
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com