Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLU120N Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRLU120N
Szczegółowy opis  Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLU120N Arkusz danych(HTML) 1 Page - International Rectifier

  IRLU120N Datasheet HTML 1Page - International Rectifier IRLU120N Datasheet HTML 2Page - International Rectifier IRLU120N Datasheet HTML 3Page - International Rectifier IRLU120N Datasheet HTML 4Page - International Rectifier IRLU120N Datasheet HTML 5Page - International Rectifier IRLU120N Datasheet HTML 6Page - International Rectifier IRLU120N Datasheet HTML 7Page - International Rectifier IRLU120N Datasheet HTML 8Page - International Rectifier IRLU120N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLR/U120N
HEXFET® Power MOSFET
S
D
G
VDSS = 100V
RDS(on) = 0.185Ω
ID = 10A
Description
5/11/98
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
7.0
A
IDM
Pulsed Drain Current
†
35
PD @TC = 25°C
Power Dissipation
48
W
Linear Derating Factor
0.32
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚†
85
mJ
IAR
Avalanche Current
†
6.0
A
EAR
Repetitive Avalanche Energy
†
4.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.1
RθJA
Junction-to-Ambient (PCB mount) **
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D -P A K
TO -2 52 A A
I-PAK
TO -25 1 A A
l Surface Mount (IRLR120N)
l Straight Lead (IRLU120N)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
PD - 91541B
www.irf.com
1


Podobny numer części - IRLU120N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRLU120N ISC-IRLU120N Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU120NPBF IRF-IRLU120NPBF Datasheet
275Kb / 11P
   Advanced Process Technology
More results

Podobny opis - IRLU120N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com