Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD166010 Arkusz danych(PDF) 6 Page - Renesas Technology Corp

Numer części PD166010
Szczegółowy opis  SINGLE N-CHANNEL HIGH SIDE INTELLIGENT POWER DEVICE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD166010 Arkusz danych(HTML) 6 Page - Renesas Technology Corp

Back Button PD166010_15 Datasheet HTML 2Page - Renesas Technology Corp PD166010_15 Datasheet HTML 3Page - Renesas Technology Corp PD166010_15 Datasheet HTML 4Page - Renesas Technology Corp PD166010_15 Datasheet HTML 5Page - Renesas Technology Corp PD166010_15 Datasheet HTML 6Page - Renesas Technology Corp PD166010_15 Datasheet HTML 7Page - Renesas Technology Corp PD166010_15 Datasheet HTML 8Page - Renesas Technology Corp PD166010_15 Datasheet HTML 9Page - Renesas Technology Corp PD166010_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Data Sheet S19689EJ2V0DS
4
μPD166010
ELECTRICAL CHARACTERISTICS (VCC = 12 V, Tch = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Required current capability of
Input switch
IIH
1.0
2.2
mA
Input current for turn-off
IIL
Tch =
−40 to 150°C
50
μA
Tch = 25
°C
2.5
5.0
μA
Standby current
ICC(off)
IIN = 0 A
Tch =
−40 to 150°C
2.5
15.0
μA
Tch = 25
°C
8
10
On state resistance
Ron
IL = 7.5 A
Tch = 150
°C
14
18
m
Ω
Output voltage drop limitation
as small load current
Von(NL)
Tch =
−40 to 150°C, refer to page 14
30
65
mV
Turn on Time
ton
200
500
μs
Turn off Time
toff
RL = 2.2
Ω,
Tch =
−40 to 150°C, refer to page 15
250
600
μs
Slew rate on
dV/dton
25 to 50% VOUT, RL = 2.2
Ω,
Tch =
−40 to 150°C, refer to page 15
0.2
0.6
V/
μs
Slew rate off
-dV/dtoff
50 to 25% VOUT, RL = 2.2
Ω,
Tch =
−40 to 150°C, refer to page 15
0.2
0.5
V/
μs


Podobny numer części - PD166010_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PD166017T1F RENESAS-PD166017T1F Datasheet
188Kb / 24P
   INTELLIGENT POWER DEVICE
More results

Podobny opis - PD166010_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD166019T1F RENESAS-UPD166019T1F Datasheet
168Kb / 18P
   Single P-Channel High-Side Intelligent Power Device
logo
NEC
UPD166100BV NEC-UPD166100BV Datasheet
399Kb / 11P
   N-CHANNEL LOW SIDE INTELLIGENT POWER DEVICE
logo
International Rectifier
AUIPS1042G IRF-AUIPS1042G Datasheet
893Kb / 18P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1051L IRF-AUIPS1051L Datasheet
460Kb / 16P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041LRPBF IRF-IPS1041LRPBF Datasheet
627Kb / 15P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1051LPBF IRF-IPS1051LPBF Datasheet
448Kb / 12P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041PBF IRF-IPS1041PBF Datasheet
565Kb / 14P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com