Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U021003 Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved

Numer części U021003
Szczegółowy opis  USB 2.0 Hi-Speed A-B Cable (M-M), 3-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U021003 Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U021003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U021003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed A/B Cable (M/M), 3-ft.
MODEL NUMBER: U021-003
Description
Tripp Lite's 3-ft. USB2.0 A/B device cable has been tested meets or exceed the USB2.0 performance criteria.
Connects a USB device to a USB port on a computer or hub. Backward compatible — can be used with older
USB1.1 applications as well. All Tripp Lite USB 2.0 cabling include superior foil shielding for reliable, error-free data communications. The significantly faster
data transfer rates of USB 2.0 (up to 480 Mbps) make them perfect for multimedia applications. Features gold plated copper contacts for superior conductivity.
The cable is manufactured with molded connectors and integral strain relief for extra durability and long life.
Features
USB 2.0 Tested
Supports faster data transfer rate (1.5 to 480 Mbps) for low speed and high speed devices including multimedia applications
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil
Gold plated copper contacts for superior conductivity
Molded connectors and integral strain relief for extra durability and long life
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
Highlights
Includes superior foil shielding for
reliable, error-free data
communications
Features gold plated copper
contacts for superior conductivity
Supports faster data transfer rate
(1.5 to 480 Mbps) for low speed
and high speed devices including
multimedia applications
Molded connectors and integral
strain relief for extra durability
and long life
System Requirements
Any USB device requiring a USB
cable
USB 2.0 performance only when
used with USB 2.0 device and
USB 2.0 controller
1 / 2


Podobny numer części - U021003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Belden Inc.
U02102 BELDEN-U02102 Datasheet
144Kb / 2P
   TC XLPE/LSZH, 2 C #10 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
12-22-2023
More results

Podobny opis - U021003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022010R TRIPPLITE-U022010R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
U022-010 TRIPPLITE-U022-010 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022-015 TRIPPLITE-U022-015 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 15-ft.
U022015 TRIPPLITE-U022015 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 15-ft
U022010 TRIPPLITE-U022010 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U050003 TRIPPLITE-U050003 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 3-ft
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com