Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U024001PM Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved

Numer części U024001PM
Szczegółowy opis  USB 2.0 Hi-Speed Panel Mount Extension Cable (A to panel mount A M-F), 1-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U024001PM Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U024001PM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U024001PM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed Panel Mount Extension Cable (A
to panel mount A M/F), 1-ft.
MODEL NUMBER: U024-001-PM
Description
This 1-ft Panel Mount USB extension cable is manufactured using USB2.0 cable. It features a panel mount
connector that allows you to secure a USB A female port in a fixed location, such as a motherboard, podium, or
kiosk. It is designed for use with USB 2.0 A/B device cables, but is backwards compatible and can also be used
with USB 1.1 cables. Made with superior foil shielding for reliable error-free data communications. The cable is manufactured with molded connectors and
integral strain relief for extra durability and long life.
Features
Secure a USB A female port in a fixed location, such as a motherboard, podium, or kiosk
Extend distances of USB 2.0 cables with this extension cable
Data transfer rates (1.5 to 480 Mbps) for low speed and high speed devices
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil feature twisted 28/20 AWG data lines
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.3
Highlights
Secure a USB A female port in a
fixed location, such as a
motherboard, podium, or kiosk
Extend distances of USB 2.0
cables with this extension cable
Data transfer rates (1.5 to 480
Mbps) for low speed and high
speed devices
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28/20 AWG data lines
System Requirements
Any device requiring a longer
USB cable
Package Includes
U024-001-PM 1 ft. Panel Mount
USB 2.0 Extension Cable (USB A
M/F)
1 / 2


Podobny numer części - U024001PM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
More results

Podobny opis - U024001PM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U025001PM TRIPPLITE-U025001PM Datasheet
492Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Extension Cable (B to Panel Mount B M-F), 1-ft
U02406NPM TRIPPLITE-U02406NPM Datasheet
489Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Extension Cable (A to panel mount B M-F), 6-in
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U024-001-5P-PM TRIPPLITE-U024-001-5P-PM Datasheet
504Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 1 ft.
UR024001 TRIPPLITE-UR024001 Datasheet
497Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 1-ft
UR024-001 TRIPPLITE-UR024-001 Datasheet
498Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M/F) 1-ft.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com