Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U028006 Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części U028006
Szczegółowy opis  USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Mini-B, M-M), 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U028006 Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U028006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U028006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (ft.)
6
Cable Length (m)
1.83
PHYSICAL
Color
Black
CONNECTIONS
Connector A
USB A (MALE)
Connector B
USB MINI-B 4-PIN (MALE)
Number of Connectors
2
SPECIAL FEATURES
Chromebook Compatible
Yes
CERTIFICATIONS
Approvals
USB-if 2.0 Approved
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Podobny numer części - U028006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U021-003 TRIPPLITE-U021-003 Datasheet
153Kb / 2P
   USB 2.0 A/B Cable (M/M), 3-ft.
U021003 TRIPPLITE-U021003 Datasheet
467Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 3-ft
logo
Belden Inc.
U02102 BELDEN-U02102 Datasheet
144Kb / 2P
   TC XLPE/LSZH, 2 C #10 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
12-22-2023
U02122 BELDEN-U02122 Datasheet
145Kb / 2P
   TC XLPE/LSZH, 2 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
02-15-2024
U02122-0102500 BELDEN-U02122-0102500 Datasheet
145Kb / 2P
   TC XLPE/LSZH, 2 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
02-15-2024
More results

Podobny opis - U028006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U029006 TRIPPLITE-U029006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Round Mini-B M-M), 6-ft
U029-006 TRIPPLITE-U029-006 Datasheet
491Kb / 4P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 4PinRound Mini-B M/M) 6-ft.
U030006 TRIPPLITE-U030006 Datasheet
475Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B M-M), 6-ft
U030003 TRIPPLITE-U030003 Datasheet
475Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-006-COIL TRIPPLITE-U030-006-COIL Datasheet
165Kb / 2P
   USB 2.0 A to Mini-B Coiled Cable (M/M), 6 ft.
U050006 TRIPPLITE-U050006 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 6-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com