Zakładka z wyszukiwarką danych komponentów |
|
ST230C16C1L Arkusz danych(PDF) 3 Page - International Rectifier |
|
ST230C16C1L Arkusz danych(HTML) 3 Page - International Rectifier |
3 / 7 page ST230C..C Series 3 Bulletin I25162 rev. D 04/03 www.irf.com dv/dt Maximum critical rate of rise of off-state voltage I DRM Max. peak reverse and off-state I RRM leakage current Blocking 500 V/ µsT J = T J max. linear to 80% rated V DRM Parameter ST230C..C Units Conditions 30 mA T J = T J max, rated V DRM /V RRM applied P GM Maximum peak gate power 10.0 T J = T J max, t p ≤ 5ms P G(AV) Maximum average gate power 2.0 T J = T J max, f = 50Hz, d% = 50 I GM Max. peak positive gate current 3.0 A T J = T J max, t p ≤ 5ms +V GM Maximum peak positive gate voltage -V GM Maximum peak negative gate voltage T J = - 40°C mA T J = 25°C T J = 125°C T J = - 40°C VT J = 25°C T J = 125°C I GD DC gate current not to trigger 10 mA Parameter ST230C..C Units Conditions 20 5.0 Triggering TYP. MAX. 180 - 90 150 40 - 2.9 - 1.8 3.0 1.2 - V GD DC gate voltage not to trigger 0.25 V Max. gate current/voltage not to trigger is the max. value which will not trigger any unit with rated V DRM anode-to-cathode applied T J = T J max Max. required gate trigger/ cur- rent/ voltage are the lowest value which will trigger all units 12V anode-to-cathode applied V GT DC gate voltage required to trigger I GT DC gate current required to trigger W VT J = T J max, t p ≤ 5ms T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJ-hs Max. thermal resistance, 0.17 DC operation single side cooled junction to heatsink 0.08 DC operation double side cooled R thC-hs Max. thermal resistance, 0.033 DC operation single side cooled case to heatsink 0.017 DC operation double side cooled F Mounting force, ± 10% 4900 N (500) (Kg) wt Approximate weight 50 g Parameter ST230C..C Units Conditions K/W Thermal and Mechanical Specification °C Case style TO - 200AB (A-PUK) See Outline Table K/W |
Podobny numer części - ST230C16C1L |
|
Podobny opis - ST230C16C1L |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |