Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1SV214 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 1SV214
Szczegółowy opis  Silicon Epitaxial Planar Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SV214 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SV214 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Silicon Epitaxial Planar Diode
1SV214
Features
High Capacitance Ratio:C2V/C25V=6.5(Typ.)
Low Series Resistance:rs=0.4
(Typ.)
Excellent C-V Characteristics,and Small Tracking Error.
Useful for Small Size Tuner.
Absolute Maxim um Ratings Ta = 25
Param eter
Sym bol
Value
Unit
Reverse Voltage
VR
30
V
Peak Reverse Voltage
VRM
35 (RL = 10K
)
V
Junction Tem perature
Tj
125
Storage Tem perature Range
Tstg
-55 to +125
E lectrical C haracteristics T a = 25
P aram eter
S ym bol
C onditions
M in
T yp
M ax
U nit
R everse V oltage
V R
IR =1
A
30
V
R everse C urrent
IR
V R = 28 V
10
nA
C 2V
f= 1 M H z;V R = 2 V
14.16
16.25
C 25V
f= 1 M H z;V R = 25 V
2.11
2.43
C apacitance R atio
C 2V/C 25V
5.9
6.5
7.15
S eries R esistance
rs
V R = 5V , f = 470 M H z
0.4
0.55
Note :
A vailable in m atched group for capacitance to 2.5% .
C (M ax.)-C (M in.)
C(M in.)
(V R=2~25V )
0.025
C apacitance
pF
Marking
Marking
T1


Podobny numer części - 1SV214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
1SV214 TOSHIBA-1SV214 Datasheet
111Kb / 2P
   BARIABLE CAPACITANCE DIODE (TV TUNING)
logo
Guangdong Kexin Industr...
1SV214 KEXIN-1SV214 Datasheet
34Kb / 1P
   Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
1SV214 NXP-1SV214 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Zhaoxingwei Electronics...
1SV214 ZHAOXINGWEI-1SV214 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
SHIKUES Electronics
1SV214 SKTECHNOLGY-1SV214 Datasheet
525Kb / 1P
   Silicon Epitaxial Planar Diode
More results

Podobny opis - 1SV214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com