Zakładka z wyszukiwarką danych komponentów |
|
ST180S12P2L Arkusz danych(PDF) 2 Page - International Rectifier |
|
ST180S12P2L Arkusz danych(HTML) 2 Page - International Rectifier |
2 / 10 page 200A PHASE CONTROL THYRISTORS Stud Version ST180S SERIES Bulletin I25165/B Features Center amplifying gate Hermetic metal case with ceramic insulator (Also available with glass-metal seal up to 1200V) International standard case TO-209AB (TO-93) Threaded studs UNF 3/4 - 16UNF2A or ISO M16x1.5 Compression Bonded Encapsulation for heavy duty operations such as severe thermal cycling Typical Applications DC motor controls Controlled DC power supplies AC controllers I T(AV) 200 A @ T C 85 °C I T(RMS) 314 A I TSM @ 50Hz 5000 A @ 60Hz 5230 A I 2t @ 50Hz 125 KA 2s @ 60Hz 114 KA 2s V DRM /V RRM 400 to 2000 V t q typical 100 µs T J - 40 to 125 °C Parameters ST180S Units Major Ratings and Characteristics case style TO-209AB (TO-93) Next Data Sheet Index Previous Datasheet To Order |
Podobny numer części - ST180S12P2L |
|
Podobny opis - ST180S12P2L |