Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST180S04P0VL Arkusz danych(PDF) 9 Page - International Rectifier

Numer części ST180S04P0VL
Szczegółowy opis  PHASE CONTROL THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST180S04P0VL Arkusz danych(HTML) 9 Page - International Rectifier

Back Button ST180S04P0VL Datasheet HTML 2Page - International Rectifier ST180S04P0VL Datasheet HTML 3Page - International Rectifier ST180S04P0VL Datasheet HTML 4Page - International Rectifier ST180S04P0VL Datasheet HTML 5Page - International Rectifier ST180S04P0VL Datasheet HTML 6Page - International Rectifier ST180S04P0VL Datasheet HTML 7Page - International Rectifier ST180S04P0VL Datasheet HTML 8Page - International Rectifier ST180S04P0VL Datasheet HTML 9Page - International Rectifier ST180S04P0VL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ST180S Series
23
Fast-on Terminals
Case Style TO-209AB (TO-93)
All dimensions in millimeters (inches)
Outline Table
2
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
+I
C.S. 0.4mm
(0.0006 s.i.)
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
+-
GLASS METAL SEAL
28.5 (1.12) MAX. DIA.
220 (8.66)
10 (0.39)
* FOR METRIC DEVICE : M16 x 1.5 - LENGHT 21 (0.83) MAX.
SW 32
C.S. 25mm 2
(0.039 s.i.)
FLEXIBLE LEAD
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A *
WHITE GATE
2
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
+I
C.S. 0.4mm
(0.0006 s.i.)
+
-
220 (8.66)
10 (0.39)
CERAMIC HOUSING
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
* FOR METRIC DEVICE : M16 x 1.5 - LENGHT 21 (0.83) MAX.
C.S. 25mm
2
(0.039 s.i.)
FLEXIBLE LEAD
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A *
SW 32
27.5 (1.08) MAX. DIA.
WHITE GATE
AMP. 280000-1
REF-250
To Order
Next Data Sheet
Index
Previous Datasheet


Podobny numer części - ST180S04P0VL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST180S04P0V IRF-ST180S04P0V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Podobny opis - ST180S04P0VL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com