Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST180S20P2VL Arkusz danych(PDF) 4 Page - International Rectifier

Numer części ST180S20P2VL
Szczegółowy opis  PHASE CONTROL THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST180S20P2VL Arkusz danych(HTML) 4 Page - International Rectifier

  ST180S20P2VL Datasheet HTML 1Page - International Rectifier ST180S20P2VL Datasheet HTML 2Page - International Rectifier ST180S20P2VL Datasheet HTML 3Page - International Rectifier ST180S20P2VL Datasheet HTML 4Page - International Rectifier ST180S20P2VL Datasheet HTML 5Page - International Rectifier ST180S20P2VL Datasheet HTML 6Page - International Rectifier ST180S20P2VL Datasheet HTML 7Page - International Rectifier ST180S20P2VL Datasheet HTML 8Page - International Rectifier ST180S20P2VL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ST180S Series
Fig. 3 - On-state Power Loss Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet


Podobny numer części - ST180S20P2VL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST180S20P0 IRF-ST180S20P0 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST180S20P0PBF VISHAY-ST180S20P0PBF Datasheet
143Kb / 7P
   Phase Control Thyristors (Stud Version), 200 A
Revision: 11-Aug-08
logo
International Rectifier
ST180S20P0V IRF-ST180S20P0V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST180S20P0VPBF VISHAY-ST180S20P0VPBF Datasheet
143Kb / 7P
   Phase Control Thyristors (Stud Version), 200 A
Revision: 11-Aug-08
logo
International Rectifier
ST180S20P1 IRF-ST180S20P1 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Podobny opis - ST180S20P2VL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com