Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDR721S Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KDR721S
Szczegółowy opis  SCHOTTKY BARRIER TYPE DIODE(CATHODE COMMAND)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR721S Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KDR721S Datasheet HTML 1Page - KEC(Korea Electronics) KDR721S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR721S
SCHOTTKY BARRIER TYPE DIODE
(CATHODE COMMAND)
Revision No : 1
For high speed switching circuit.
For small current rectification.
FEATURES
Low Forward Voltage : VF max=0.55V.
IO=200mA recification possible.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. ANODE 1
2. ANODE 2
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
2
1
3
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
MF
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1mA
30
-
-
V
Forward Voltage
VF
IF=0.2A
-
-
0.55
V
Reverse Current
IR
VR=30V
-
-
50
A
Total Capacitance
CT
VR=10V, f=1MHz
-
13
-
pF
Reverse Recovery Time
trr
IR=IF=10mA
-
3
-
nS
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
30
V
Reverse Voltage
VR
30
V
Average Forward Current
IO
0.2
A
Non-repetitive peak surge current
IFSM
1
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55 125


Podobny numer części - KDR721S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDR721S KEC-KDR721S Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDR721S KEC-KDR721S_15 Datasheet
474Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Podobny opis - KDR721S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDR732E KEC-KDR732E Datasheet
389Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
KDR732V KEC-KDR732V Datasheet
390Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
logo
Sanyo Semicon Device
RU-SPX4 SANYO-RU-SPX4 Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common)
SBT250-04JS SANYO-SBT250-04JS Datasheet
249Kb / 3P
   Schottky Barrier Diode (Twin Type - Cathode Common) 40V, 25A Rectifier
SBT150-06JS SANYO-SBT150-06JS Datasheet
251Kb / 3P
   Schottky Barrier Diode (Twin Type - Cathode Common) 60V, 15A Rectifier
SBR250-10JS SANYO-SBR250-10JS Datasheet
251Kb / 3P
   Schottky Barrier Diode (Twin Type - Cathode Common) 100V, 25A Rectifier
SBE602 SANYO-SBE602 Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type Cathode Common) 30V, 70mA Rectifier
logo
Nihon Inter Electronics...
TCQ30B04 NIEC-TCQ30B04 Datasheet
76Kb / 6P
   Schottky Barrier Diode - 30A 40V Cathode Common
logo
Sanyo Semicon Device
SBR100-16JS SANYO-SBR100-16JS Datasheet
39Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBT80-06LS SANYO-SBT80-06LS Datasheet
42Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com