Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA24-600BW Arkusz danych(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Numer części BTA24-600BW
Szczegółowy opis  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-600BW Arkusz danych(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  BTA24-600BW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-600BW Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms and corresponding
value of I2t
Figure 8.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
0.01
0.10
1.00
10.00
100
1000
3000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
Figure 9.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c
Figure 11.
D2PAK Thermal resistance junction to
ambient versus copper surface under
tab (printed circuit board FR4, copper
thickness: 35 µm)
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
T2535/CW/BW
B
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
DPAK
2
BTA24, BTB24, BTA25, BTA26
and T25 series
2014-6-16
www.kersemi.com
5


Podobny numer części - BTA24-600BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTA24-600BW STMICROELECTRONICS-BTA24-600BW Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
logo
HAOPIN MICROELECTRONICS...
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTA24-600BWRG STMICROELECTRONICS-BTA24-600BWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600BWRG STMICROELECTRONICS-BTA24-600BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Podobny opis - BTA24-600BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com