Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDV257E Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KDV257E
Szczegółowy opis  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV257E Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KDV257E Datasheet HTML 1Page - KEC(Korea Electronics) KDV257E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 6. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV257E
Revision No : 0
VCO FOR UHF/VHF BAND.
FEATURES
Low Series Resistance : rs=0.50 (Max.)
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Type Name
Marking
A
E
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
10
V
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1 A
10
-
-
V
Reverse Current
IR
VR=10V
-
-
10
nA
Capacitance
C1V
VR=1V, f=1MHz
19.5
-
23.5
pF
C2V
VR=2V, f=1MHz
14.3
-
17.6
Capacitance Ratio
K
-
1.3
-
-
Series Resistance
rS
VR=1V, f=470MHz
-
-
0.5


Podobny numer części - KDV257E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDV251 KEC-KDV251 Datasheet
172Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR CB,C/P PLL)
KDV251M KEC-KDV251M Datasheet
172Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR CB,C/P PLL)
KDV251M KEC-KDV251M Datasheet
40Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV251M KEC-KDV251M_02 Datasheet
40Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV251M KEC-KDV251M_15 Datasheet
508Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Podobny opis - KDV257E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDV273UL KEC-KDV273UL Datasheet
431Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND
KDV273E KEC-KDV273E Datasheet
63Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV258 KEC-KDV258 Datasheet
65Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV273 KEC-KDV273 Datasheet
65Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV275E KEC-KDV275E Datasheet
391Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV275 KEC-KDV275 Datasheet
393Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV245 KEC-KDV245 Datasheet
386Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
KDV245E KEC-KDV245E Datasheet
383Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
KDV154 KEC-KDV154 Datasheet
115Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV VHF,UHF TUNER AFC VCO FOR UHF BAND RADIO)
KDV153 KEC-KDV153 Datasheet
112Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV VHF,UHF TUNER AFC VCO FOR UHF BAND RADIO)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com