Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F015006 Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved

Numer części F015006
Szczegółowy opis  FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

F015006 Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved

  F015006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved F015006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin
M/M) 6-ft.
MODEL NUMBER: F015-006
Description
Tripp Lite's IEEE-1394b, or FireWire 800 cables, are the latest in FireWire technology, with data transfer speeds up to 800Mbps, twice the speed of original
FireWire. This 9pin to 9pin cable connects High-Speed 9pin FireWire 800 devices, such as external disk drives, to a computers FireWire 800 9pin port. These
cables are 100% compatible with Apple FireWire, Sony iLink, and all other IEEE-1394b peripherals.
Features
Data transfer rates to 800Mbps
Hot Pluggable - supports Plug-n-Play operation
Premium triple-shielded cable with molded, Gold connectors
Backward compatible with original FireWire systems and devices
Compatible with PC, Mac, SUN, and other IEEE-1394b equipped systems
Specifications
OVERVIEW
Cable Type
FireWire
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
Highlights
Twice the Speed of Original
FireWire - Data Transfers to
800Mbps
Meets FireWire 800 and 1394b
Specifications
Backward compatible to Original
FireWire components
Applications
Storage devices, Digital
camcorders, Printers, Scanners,
and other IEEE-1394b
compatible devices
Package Includes
6ft IEEE-1394b FireWire 800
Gold Hi-Speed 9pin/9pin Cable
1 / 2


Podobny numer części - F015006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
F015010 TRIPPLITE-F015010 Datasheet
484Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 10-ft
More results

Podobny opis - F015006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
F015-006 TRIPPLITE-F015-006 Datasheet
157Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 6-ft.
F015010 TRIPPLITE-F015010 Datasheet
484Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 10-ft
F015-010 TRIPPLITE-F015-010 Datasheet
157Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 10-ft.
F019006 TRIPPLITE-F019006 Datasheet
483Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 6-ft
F017006 TRIPPLITE-F017006 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 6-ft
F019-006 TRIPPLITE-F019-006 Datasheet
157Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/4pin M/M) 6-ft.
F017-006 TRIPPLITE-F017-006 Datasheet
158Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 6-ft.
F017010 TRIPPLITE-F017010 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 10-ft
F019010 TRIPPLITE-F019010 Datasheet
482Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 10-ft
F017-010 TRIPPLITE-F017-010 Datasheet
158Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 10-ft.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com